Part Number Hot Search : 
X3102V28 00BG1 1N5819HW 03002 167BZC NTE2398 MAX1419 C2519A
Product Description
Full Text Search
 

To Download IXFV18N60PS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2006 ixys all rights reserved g = gate d = drain s = source tab = drain ds99390e(03/06) polarhv tm hiperfet power mosfet ixfh 18n60p ixfv 18n60p ixfv 18n60ps n-channel enhancement mode fast intrinsic diode avalanche rated features l international standard packages l unclamped inductive switching (uis) rated l low package inductance - easy to drive and to protect advantages l easy to mount l space savings l high power density symbol test conditions characteristic values (t j = 25 c, unless otherwise specified) min. typ. max. bv dss v gs = 0 v, i d = 250 a 600 v v gs(th) v ds = v gs , i d = 2.5 ma 3.0 5.5 v i gss v gs = 30 v, v ds = 0 v 100 na i dss v ds = v dss 25 a v gs = 0 v t j = 125 c 250 a r ds(on) v gs = 10 v, i d = 0.5 i d25 400 m pulse test, t 300 s, duty cycle d 2 % symbol test conditions maximum ratings v dss t j = 25 c to 150 c 600 v v dgr t j = 25 c to 150 c; r gs = 1 m 600 v v gs continuous 30 v v gsm tranisent 40 v i d25 t c = 25 c18a i dm t c = 25 c, pulse width limited by t jm 45 a i ar t c = 25 c18a e ar t c = 25 c30mj e as t c = 25 c 1.0 j dv/dt i s i dm , di/dt 100 a/ s, v dd v dss , 10 v/ns t j 150 c, r g = 5 p d t c = 25 c 360 w t j -55 ... +150 c t jm 150 c t stg -55 ... +150 c t l 1.6 mm (0.062 in.) from case for 10 s 300 c t sold plastic body for 10 s 260 c m d mounting torque (to-247) 1.13/10 nm/lb.in. weight to-247 6 g plus220 & plus220smd 4 g g s d plus220 (ixfv) g s plus220smd (ixfv...s) d (tab) d (tab) to-247 ad (ixfh) v dss = 600 v i d25 =18 a r ds(on) 400 m t rr 200 ns d (tab)
ixys reserves the right to change limits, test conditions, and dimensions. ixfh 18n60p ixfv 18n60p ixfv 18n60ps symbol test conditions characteristic values (t j = 25 c unless otherwise specified) min. typ. max. g fs v ds = 20 v; i d = 0.5 i d25 , note 1 9 16 s c iss 2500 pf c oss v gs = 0 v, v ds = 25 v, f = 1 mhz 280 pf c rss 23 pf t d(on) 21 ns t r v gs = 10 v, v ds = 0.5 v dss , i d = i d25 22 ns t d(off) r g = 5 (external) 62 ns t f 22 ns q g(on) 50 nc q gs v gs = 10 v, v ds = 0.5 v dss , i d = 0.5 i d25 15 nc q gd 18 nc r thjc 0.35 c/w r thcs (to-247, plus220) 0.21 c/w source-drain diode characteristic values (t j = 25 c, unless otherwise specified) symbol test conditions min. typ. max. i s v gs = 0 v 18 a i sm repetitive 54 a v sd i f = i s , v gs = 0 v, note 1 1.5 v t rr i s = 18 a, -di/dt = 100 a/ s 200 ns q rm v r = 100 v, v gs = 0 v 0.8 c f rm 5a note 1: pulse test, t 300 s, duty cycled 2 % ixys mosfets and igbts are covered by 4,835,592 4,931,844 5,049,961 5,237,481 6,162,665 6,404,065 b1 6,683,344 6,727,585 one or moreof the following u.s. patents: 4,850,072 5,017,508 5,063,307 5,381,025 6,259,123 b1 6,534,343 6,710,405b2 6,759,692 4,881,106 5,034,796 5,187,117 5,486,715 6,306,728 b1 6,583,505 6,710,463 6,771,478 b2 plus220smd (ixfv_s) outline plus220 (ixfv) outline to-247 (ixfh) outline terminals: 1 - gate 2 - drain 3 - source tab - drain 1 2 3 dim. millimeter inches min. max. min. max. a 4.7 5.3 .185 .209 a 1 2.2 2.54 .087 .102 a 2 2.2 2.6 .059 .098 b 1.0 1.4 .040 .055 b 1 1.65 2.13 .065 .084 b 2 2.87 3.12 .113 .123 c .4 .8 .016 .031 d 20.80 21.46 .819 .845 e 15.75 16.26 .610 .640 e 5.20 5.72 0.205 0.225 l 19.81 20.32 .780 .800 l1 4.50 .177 ? p 3.55 3.65 .140 .144 q 5.89 6.40 0.232 0.252 r 4.32 5.49 .170 .216 s 6.15 bsc 242 bsc
? 2006 ixys all rights reserved ixfh 18n60p ixfv 18n60p ixfv 18n60ps fig. 1. output characteristics @ 25oc 0 2 4 6 8 10 12 14 16 18 012345678 v ds - volts i d - amperes v gs = 10v 8v 7v 6v 5v fig. 2. extended output characteristics @ 25oc 0 5 10 15 20 25 30 35 40 0 3 6 9 12 15 18 21 24 27 30 v ds - volts i d - amperes v gs = 10v 8v 7v 5v 6v fig. 3. output characteristics @ 125oc 0 2 4 6 8 10 12 14 16 18 024681012141618 v ds - volts i d - amperes v gs = 10v 7v 6v 5v fig. 4. r ds(on) normalized to i d = 9a value vs. junction temperature 0.4 0.8 1.2 1.6 2 2.4 2.8 3.2 -50 -25 0 25 50 75 100 125 150 t j - degrees centigrade r ds(on) - normalized v gs = 10v i d = 18a i d = 9a fig. 5. r ds(on) normalized to i d = 9a value vs. drain current 0.8 1 1.2 1.4 1.6 1.8 2 2.2 2.4 2.6 2.8 3 3.2 0 5 10 15 20 25 30 35 40 45 i d - amperes r ds(on) - normalized v gs = 10v t j = 125oc t j = 25oc fig. 6. maximum drain current vs. case temperature 0 2 4 6 8 10 12 14 16 18 20 -50-25 0 25 50 75100125150 t c - degrees centigrade i d - amperes
ixys reserves the right to change limits, test conditions, and dimensions. ixfh 18n60p ixfv 18n60p ixfv 18n60ps fig. 7. input admittance 0 5 10 15 20 25 30 35 40 3.5 4 4.5 5 5.5 6 6.5 7 v gs - volts i d - amperes t j = 125oc 25oc - 40oc fig. 8. transconductance 0 4 8 12 16 20 24 0 5 10 15 20 25 30 35 40 i d - amperes g f s - siemens t j = - 40oc 25oc 125oc fig. 9. forward voltage drop of intrinsic diode 0 10 20 30 40 50 60 70 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 1.1 v sd - volts i s - amperes t j = 125oc t j = 25oc fig. 10. gate charge 0 1 2 3 4 5 6 7 8 9 10 0 5 10 15 20 25 30 35 40 45 50 q g - nanocoulombs v gs - volts v ds = 300v i d = 9a i g = 10ma fig. 11. capacitance 10 100 1,000 10,000 0 5 10 15 20 25 30 35 40 v ds - volts capacitance - picofarads f = 1 mhz c iss c rss c oss fig. 12. forward-bias safe operating area 1 10 100 10 100 1000 v ds - volts i d - amperes t j = 150oc t c = 25oc 25s 1ms 100s r ds(on) limits 10ms dc
? 2006 ixys all rights reserved ixfh 18n60p ixfv 18n60p ixfv 18n60ps fig. 13. maximum transient thermal resistance 0.010 0.100 1.000 0.0001 0.001 0.01 0.1 1 10 pulse width - seconds r (th)jc - oc / w


▲Up To Search▲   

 
Price & Availability of IXFV18N60PS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X